Part Number Hot Search : 
AAT1270 BR1010 USBT801 MRF49XA FST31100 74AC24 CZRB5942 107M01
Product Description
Full Text Search
 

To Download BY39606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 - BY399
3.0 AMPS. Fast Recovery Rectifiers DO-201AD
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss.
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, Lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260 oC /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.2 grams
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ T A=25 C o at Rated DC Blocking Voltage @ TA=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal resistance (Note 3) Operating Temperature Range
o
Symbol VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj R JA
TJ
BY396 100 70 100
BY397 200 140 200
BY398 400 280 400
BY399 Units 800 V 560 V 800 V A A V uA uA nS pF
o
3.0 150 1.2 5 150 250 50 40 -65 to +150 -65 to +150
C/W
o o
Storage Temperature Range TSTG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (BY396 THRU BY399)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
4 1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. ( A)
3
100 Tj=125 0C
2
1
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
0 25 50 75 100
o
10
Tj=75 0C
0 125 150 175 AMBIENT TEMPERATURE. ( C)
1.0 Tj=25 0C
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
PEAK FORWARD SURGE CURRENT. (A)
0.1 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
50
Tj=25 0C 8.3ms Single Half Sine Wave JEDEC Method
FIG.5- TYPICAL FORWARD CHARACTERISTICS
20 10
10 1
INSTANTANEOUS FORWARD CURRENT. (A)
5 10 NUMBER OF CYCLES AT 60Hz
50
100 3
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
1
JUNCTION CAPACITANCE.(pF)
60
0.3
40
Tj=25 0C
20
0.1
0.03
Tj=25oC Pulse Width=300 s 1% Duty Cycle
10 1 2 4 6 10 20 40 60 100 REVERSE VOLTAGE. (V)
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of BY39606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X